PART |
Description |
Maker |
PC3SG21YIZ |
VDRM 600V, Reinforced Insulation Type
|
Sharp Electrionic Components
|
T-13635 T-13633 T-13634 T-13611 T-13612 T-13613 T- |
T1 / CEPT / ISDN-PRI Reinforced Insulation
|
Rhombus Industries Inc.
|
MPP10-05D12AB MPP10-05S05AB MPP10-05D15AB MPP10-05 |
REINFORCED INSULATION FOR 250VAC WORKING VOLTAGE
|
RSG Electronic Components GmbH RSG Electronic Components G...
|
PC123P02J00F PC123YN2J00F |
DIP 4pin Reinforced Insulation Type Photocoupler
|
SHARP
|
AQV210EAX AQV210EHAZ AQV210EAZ AQV210EHAX |
High cost-performance DIP6-pin type, reinforced insulation available Computers
|
Panasonic Semiconductor
|
AQY211EH AQY211EHA AQY211EHAZ AQY210EH AQY210EHA A |
High cost-performance DIP4-pin type with reinforced insulation High cost-performance DIP4-pin type with reinforced insulation
|
Panasonic Semiconductor
|
PC4SF11YVZ |
VDRM : 800V, Reinforced insulation type Non-zero cross type DIP 6pin Phototriac Coupler for triggering
|
Sharp Electrionic Components
|
GSF1.2001.01 GSF1.2201.01 GSF1.1001.01 GSF1.0001.5 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 10A; Terminal Type: Quick Connect PCB; Fuseholder inside; IEC/EN 60950; optional insulation cover 10A, 250VAC, MALE, MAINS POWER CONNECTOR, SOLDER Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 16A; Terminal Type: Quick Connect PCB; Fuseholder inside; IEC/EN 60950; optional insulation cover 10A, 250VAC, MALE, MAINS POWER CONNECTOR, SOLDER
|
SCHURTER AG SCHURTER INC
|
IRF644N IRF644NL IRF644NS IRF644 IRF644NSTRR |
250V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=250V, Rds(on)=240mohm, Id=14A) Power MOSFET(Vdss=250V/ Rds(on)=240mohm/ Id=14A) TRANSISTOR | MOSFET | N-CHANNEL | 250V V(BR)DSS | 14A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 250V五(巴西)直|4A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFI644G IRFI644 IRFI644GPBF |
250V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=250V Rds(on)=0.28ohm Id=7.9A) HEXFET? Power MOSFET Power MOSFET(Vdss=250V/ Rds(on)=0.28ohm/ Id=7.9A) Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=7.9A) 功率MOSFET(减振钢板基本\u003d 250V,的Rds(on)\u003d 0.28ohm,身份证\u003d 7.9A
|
IRF[International Rectifier] International Rectifier, Corp.
|
5ST125-R 5STP400-R 5STP160-R 5ST5-R 5STP3.15-R 5ST |
Fuses, RoHS 125mA 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 0.125A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, RoHS 400mA 250V T IEC GLASS LEAD TIME LAG BLOW ELECTRIC FUSE, 0.4A, 250VAC, 35A (IR), THROUGH HOLE Fuses, RoHS 160mA 250V T IEC GLASS LEAD TIME LAG BLOW ELECTRIC FUSE, 0.16A, 250VAC, 35A (IR), THROUGH HOLE Fuses, RoHS 5A 250V T IEC GLASS 5X20 Fuses, RoHS 3.15A 250V T IEC GLASS LEAD Fuses, RoHS 125mA 250V T IEC GLASS LEAD Fuses, RoHS 63mA 250V T IEC GLASS LEAD Fuses, RoHS 630mA 250V T IEC GLASS LEAD Fuses, RoHS 5A 250V T IEC GLASS LEAD Fuses, RoHS 800mA 250V T IEC GLASS 5X20
|
Bel Fuse, Inc. BEL FUSE INC
|
STS1C1S250 |
N-CHANNEL 250V - 0.9Ohm - 0.75A SO-8 P-CHANNEL 250V - 2.1Ohm - 0.6A SO-8 MESH OVERLAY POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|